|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0471821001 Active battery_connectors 2.00mm (.079") Pitch Battery Connector, SMT, Width 5.98mm (.235"), Working Height 2.10mm (.083"), 2 Circuits Documents: 3D Model Drawing (PDF) Product Specification PS-47182-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only PCB Headers 47182 Board-to-Board battery_connectors Battery Connector, Compression Connector, One Piece EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Application Overview Product Name Physical Breakaway Circuits (Loaded) Circuits (maximum) Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Mated Height (in) Mated Height (mm) Material - Plating Mating Material - Plating Termination Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style No 2 2 10,000 No No No None None 0.083 In 2.10 mm Gold Gold 1 Vertical No None Embossed Tape on Reel 0.079 In 2.00 mm 30 0.76 No No No No -40C to +85C Surface Mount Search Parts in this Series 47182Series Electrical Current - Maximum per Contact Voltage - Maximum 1A 200V Material Info Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing PK-47182-001 PS-47182-001 SD-47182-001 This document was generated on 05/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of SD-47182-001 |